PART |
Description |
Maker |
FYS-18012BX-30 FYS-18012AX-40 |
1.80 Inch (45.00mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-3212BX-30 FYS-3212AX-40 FYS-3212AX-41 |
0.32 Inch (8.00mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
MSQ6911 MSQ6441C MSQ6911C MSQ6941C MSQ6111C MSQ614 |
0.56 INCH (14.2 MM) FOUR DIGIT STICK DISPLAY From old datasheet system 0.56 INCH (14.2MM) FOUR DIGIT STICK DISPLAY High Efficiency Red 0.56 inch (14.2 mm) Three Digit Stick Display
|
FAIRCHILD [Fairchild Semiconductor] FAIRCHILD[Fairchild Semiconductor]
|
HDSP-513Y-LL000 5082-511A-00000 5082-511A-0H000 50 |
14.22 mm (0.56 inch) General Purpose Seven-Segment Display 14.22毫米.56英寸)通用七段显示 Multichannel Remote/Local Temperature Sensors 16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Commercial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: SSOP; No of Pins: 16; Temperature Range: Industrial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD Low Profile Power Relay, 1 Form C, 16A 250VAC, Class F Coil HDSP-511A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display
|
ITT, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|
LTS-3406LE LTS3406LE |
The LTS-3406LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY The LTS-3406LE is a 0.8 inch (20.32 mm) digit height single digit seven-segment display 在三 3406LE是一.8英寸0.32毫米)两位数的高个位数七段显示器
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司 Lite-On Technology, Corp. ???绉???′唤??????
|
LTS-312AG |
The LTS-312AG is a 0.3-inch (7.62-mm) digit height single digit seven-segment display
|
Lite-On Technology Corporation
|
FYS-40011HX-00 FYS-40011GX-00 |
4.00 Inch (101.60mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYE-800BZX-00 FYE-800BZX-01 |
8.00 Inch (203.20mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-30012AX-04 FYS-30012AX-14 FYS-30012AX-00 FYS-3 |
3.00 Inch (76.50mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-23011HX-00 |
2.30 Inch (56.80mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-4011EX-10 FYS-4011FX-00 |
0.40 Inch (10.16mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-4011BX-10 FYS-4011BX-14 FYS-4011BX-30 FYS-4011 |
0.40 Inch (10.16mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|